Part Number Hot Search : 
STUB027 10E201K MAZM120H 25SB80 D4168C ISL6172 00221 TGA2214
Product Description
Full Text Search
 

To Download 1N647-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
1N647-1
* * * * *
1N647-1 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/240 SILICON RECTIFIER METALLURGICALLY BONDED HERMETICALLY SEALED DOUBLE PLUG CONSTRUCTION
MAXIMUM RATINGS AT 25 C
Operating Temperature: Storage Temperature: Surge Current A, sine 8.3mS: Total Power Dissipation: Operating Current: -65C to +175C -65C to +175C 5.0A 500mW 400mA, TA= +25C
Operating Current: Derating Factor: Derating Factor:
D.C. Reverse Voltage (VRWM):
150mA, TA= +150C 2mA/C above +25C 6mA/C above +150C
400V
DC ELECTRICAL CHARACTERISTICS
VF
Ambient (C) IF mA Min V Max V Ambient (C)
IR
VR V (dc) Min A Max A
25 150 -55
400 400 400
0.80 0.70 -
1.00 0.95 1.20
25 25 150
400 480(ac) 400
-
0.050 50 25
DESIGN DATA
Case: Hermetically sealed glass package per MILPRF-19500/240 DO-35 outline Lead Material: Copper clad steel Lead Finish: Tin/Lead Thermal Resistance (RJL): 250C/W maximum at L=.375" Thermal Impedance (ZJX): 35C/W maximum Marking: Blue body coat, Black digits. Polarity: Cathode end is banded.
AC ELECTRICAL CHARACTERISTICS AT 25C
Symbol
Capacitance @ VR = 4V
pF
Min -
Max 20
IRELAND - GORT ROAD, ENNIS, CO. CLARE
PHONE: TOLL FREE: FAX: +353 65 6840044 +186 62 702434 +353 65 6822298
WWW.MICROSEMI.COM
U.S.A. DOMESTIC SALES CONTACT
PHONE: TOLL FREE: (617) 926 0404 1 800 666 2999


▲Up To Search▲   

 
Price & Availability of 1N647-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X